PART |
Description |
Maker |
5962-8766505YA 5962-8766503YA 5962-8766507UA 5962- |
Complete High-Speed CMOS, 12-Bit ADC CMOS, 8-Bit-Compatible, 12-Bit DAC CMOS 12-Bit Buffered Multiplying DACs 16-Bit Microprocessor 16位微处理
|
Electronic Theatre Controls, Inc.
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M6MGD137W34DWG |
134,217,728-BIT (8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY & 33,554,432-BIT (2,097,152-WORD BY 16-BIT) CMOS MOBILE RAM
|
Renesas Electronics Corporation
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
TS80C31X2-MIA TS80C31X2-LCB TS80C31X2-LCCD TS80C31 |
8-bit CMOS Microcontroller 0-60 MHz IC-8-BIT CMOS CPU IC-SM-8-BIT CMOS CPU 603R REV2.1 HIP3.0 ROHS 集成电路8位CMOS处理 8-bit CMOS Microcontroller 0-60 MHz 8位CMOS微控制器0-60兆赫
|
TEMIC Semiconductors Atmel, Corp. http://
|
M5M51016BRT-12VL M5M51016BRT-12VLL M5M51016BTP-12V |
Octal D-Type Transparent Latches With 3-State Outputs 20-TSSOP -40 to 85 From old datasheet system 1048576-BIT CMOS STATICRAM 1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
AD9200ARS AD9200ARSRL AD9200JRS AD9200JRSRL AD9200 |
Complete 10-Bit/ 20 MSPS/ 80 mW CMOS A/D Converter Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQFP48 Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter 完整0位,20 MSPS0毫瓦的CMOS A / D转换
|
Analog Devices, Inc.
|
M6MGB_T166S2BWG M6MGB M6MGT166S2BWG E99007_A |
16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & CMOS 3.3V-ONLY FLASH MEMORY & CMOS SRAM Stacked-CSP From old datasheet system
|
Mitsubishi
|
SAK-C167CR-L33MGAGA-T-STEP SAK-C167XR-4RMGAGA-T-ST |
16-Bit Microcontrollers - 16-Bit CMOS microcontroller (33MHz) 16-Bit Microcontrollers - 16-Bit CMOS microcontroller (25MHz) High-end 16-bit Microcontroller with optional on-chip CAN
|
Infineon
|